Part Number Hot Search : 
PC378 H11C6 BYM99 2SB1709 BRF4801J SC614DB ADM1030 SFR106
Product Description
Full Text Search
 

To Download EE-SX1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photomicrosensor (Transmissive)
EE-SX1103
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Features
* Ultra-compact with a sensor width of 5 mm and a slot width of 2 mm. * PCB mounting type. * High resolution with a 0.4-mm-wide aperture.
Absolute Maximum Ratings (Ta = 25C)
Two, C0.5 Gate Optical axis
Item Emitter Forward current Pulse forward current
Symbol IF IFP VR VCEO VECO IC PC Topr Tstg Tsol
Rated value 50 mA (see note 1) --5V 30 V 4.5 V 30 mA 80 mW (see note 1) -25C to 85C -30C to 100C 260C (see note 2)
Two, C0.3 dia. 5 min.
Reverse voltage Detector Collector-Emitter voltage Emitter-Collector voltage Collector current Collector dissipation Ambient temperature Operating Storage
Four, 0.5
Four, 0.2
Internal Circuit
Soldering temperature
Terminal No. A K C E
Name Anode Cathode Collector Emitter Unless otherwise specified, the tolerances are 0.2 mm.
Note: 1. Refer to the temperature rating chart if the ambient temperature exceeds 25C. 2. Complete soldering within 3 seconds.
Electrical and Optical Characteristics (Ta = 25C)
Item Emitter Forward voltage Reverse current Peak emission wavelength Detector Light current Dark current Leakage current Collector-Emitter saturated voltage Peak spectral sensitivity wavelength Rising time Falling time VF IR Symbol 10 mA max. 950 nm typ. 0.5 mA min. 500 nA max. --0.4 V max. 800 nm typ. 10 ms typ. 10 ms typ. Value 1.3 V typ., 1.6 V max. IF = 50 mA VR = 5 V IF = 50 mA IF = 20 mA, VCE = 5 V VCE = 10 V, 0 lx --IF = 20 mA, IL = 0.3 mA VCE = 5 V VCC = 5 V, RL = 100 W, IF = 20 mA VCC = 5 V, RL = 100 W, IF = 20 mA Condition
lP
IL ID ILEAK VCE (sat)
lP
tr tf
86
EE-SX1103 Photomicrosensor (Transmissive)
Engineering Data
Forward Current vs. Collector Dissipation Temperature Rating
Collector dissipation PC (mW) Forward current IF (mA)
Forward Current vs. Forward Voltage Characteristics (Typical)
Forward current IF (mA)
Light Current vs. Forward Current Characteristics (Typical)
Ta = 25C VCE = 5 V
Light current IL (mA)
Ambient temperature Ta (C)
Forward voltage VF (V)
Forward current IF (mA)
Light Current vs. Collector-Emitter Voltage Characteristics (Typical)
Ta = 25C
Relative Light Current vs. Ambient Temperature Characteristics (Typical)
Relative light current IL (%)
IF = 20 mA VCE = 5 V
Dark Current vs. Ambient Temperature Characteristics (Typical)
Dark current ID (nA)
Light current IL (mA)
IF = 50 mA IF = 40 mA IF = 30 mA IF = 20 mA
VCE = 30 V VCE = 20 V VCE = 10 V
IF = 10 mA
Collector-Emitter voltage VCE (V)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Response Time vs. Light Current Characteristics (Typical)
VCC = 5 V Ta = 25C
Sensing Position Characteristics (Typical)
Relative light current IL (%)
IF = 20 mA VCE = 5 V Ta = 25C
Sensing Position Characteristics (Typical)
Relative light current IL (%)
IF = 20 mA VCE = 5 V Ta = 25C
Response time tr, tf (s)
Light current It (mA)
Distance d (mm)
Distance d (mm)
Response Time Measurement Circuit
Input Output 90 % 10 %
Input
Output
EE-SX1103 Photomicrosensor (Transmissive)
87


▲Up To Search▲   

 
Price & Availability of EE-SX1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X